Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE30P30L Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P30L Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE30P30L
Download  NCE30P30L Download
File Size   340.01 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P30L Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE30P30L Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P30L
Download  NCE30P30L Click to download

File Size   340.01 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE30P30L Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE30P30L Product details

Description
The NCE30P30L uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge .This device is
well suited for high current load applications.
General Features
● VDS =-30V,ID =-30A
RDS(ON) <19mΩ @ VGS=-10V
RDS(ON) <30mΩ @ VGS=-4.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
● Pb free terminal plating
● RoHS compliant
● Halogen free
Application
● High side switch for full bridge converter
● DC/DC converter for LCD display




Similar Part No. - NCE30P30L

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE30P30G NCEPOWER-NCE30P30G Datasheet
363Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V 1.0
logo
VBsemi Electronics Co.,...
NCE30P30K VBSEMI-NCE30P30K Datasheet
1,023Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE30P30K NCEPOWER-NCE30P30K Datasheet
426Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.1
More results


Similar Description - NCE30P30L

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com