Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54560 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS54560 Datasheet PDF - Texas Instruments
Part # TPS54560
Download  TPS54560 Download
File Size   1507.01 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54560 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54560 Datasheet PDF - Texas Instruments

Part # TPS54560
Download  TPS54560 Click to download

File Size   1507.01 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54560 Datasheet (HTML) - Texas Instruments


TPS54560 Product details

1FEATURES
2• High Efficiency at Light Loads with Pulse
Skipping Eco-mode™
• 92-mΩ High-Side MOSFET
• 146 μA Operating Quiescent Current and
2 μA Shutdown Current
• 100 kHz to 2.5 MHz Fixed Switching Frequency
• Synchronizes to External Clock
• Low Dropout at Light Loads with Integrated
BOOT Recharge FET
• Adjustable UVLO Voltage and Hysteresis
• 0.8 V 1% Internal Voltage Reference
• 8-Pin HSOIC with PowerPAD™ Package
• –40°C to 150°C TJ Operating Range
• Supported by WEBENCH™ Software Tool

APPLICATIONS
• Industrial Automation and Motor Control
• Vehicle Accessories: GPS, Entertainment
• USB Dedicated Charging Ports and Battery
Chargers
• 12 V, 24 V and 48 V Industrial, Automotive and
Communications Power Systems

DESCRIPTION
The TPS54560 is a 60 V, 5 A, step down regulator with an integrated high side MOSFET. The device survives
load dump pulses up to 65V per ISO 7637. Current mode control provides simple external compensation and
flexible component selection. A low ripple pulse skip mode reduces the no load supply current to 146 μA.
Shutdown supply current is reduced to 2 μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can be increased using the enable pin. The output voltage start
up ramp is internally controlled to provide a controlled start up and eliminate overshoot.
A wide switching frequency range allows either efficiency or external component size to be optimized. Output
current is limited cycle-by-cycle. Frequency foldback and thermal shutdown protects internal and external
components during an overload condition.
The TPS54560 is available in an 8-pin thermally enhanced HSOIC PowerPAD™ package.




Similar Part No. - TPS54560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560 Datasheet
2Mb / 46P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI2-TPS54560 Datasheet
2Mb / 51P
TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
REVISED MARCH 2017
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Similar Description - TPS54560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560_15 Datasheet
1Mb / 46P
TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com