Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910XC Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

910XC Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 910XC
Download  910XC Download
File Size   377.23 Kbytes
Page   6 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN

910XC Datasheet (PDF)

Go To PDF Page Download Datasheet
910XC Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 910XC
Download  910XC Click to download

File Size   377.23 Kbytes
Page   6 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN

910XC Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


910XC Product details

• Thoroughly tested, delivered without calibration certificate
• Linearity including hysteresis ≤±1.5%
• Extremely high stiffness
• Very compact design
• Extremely low threshold
• Degree of protection: IP68, dependent on cable
• Operating temperature range -40 ... 120°C
• No aging, unlimited service life




Similar Part No. - 910XC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
910X MACOM-910X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
More results


Similar Description - 910XC

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
90X7C KISTLER-90X7C Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
90X6C-SET KISTLER-90X6C-SET Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com