Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93X5B Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

93X5B Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 93X5B
Download  93X5B Download
File Size   2116.83 Kbytes
Page   4 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description 2-Component Sensor Fz, Mz –20 … 20 kN and –200 … 200 N·m

93X5B Datasheet (PDF)

Go To PDF Page Download Datasheet
93X5B Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 93X5B
Download  93X5B Click to download

File Size   2116.83 Kbytes
Page   4 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description 2-Component Sensor Fz, Mz –20 … 20 kN and –200 … 200 N·m

93X5B Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


93X5B Product details

• Very compact, ready to install sensor
• High rigidity and high natural frequency
• Flexible adaption with mounting threads in double flanges
• Centering seats for coaxial mounting and optimum introduction
of torque
• Center hole for shaft passage




Similar Part No. - 93X5B

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
93X1C KISTLER-93X1C Datasheet
1Mb / 6P
Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
More results


Similar Description - 93X5B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK22-L MCC-SK22-L Datasheet
358Kb / 4P
2 Amp Schottky Rectifier 20 to 200 Volts
SS22-L MCC-SS22-L Datasheet
332Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
logo
Micro Commercial Compon...
SS210-LTP MCC-SS210-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS24-LTP MCC-SS24-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS25-LTP MCC-SS25-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS22-L MCC-SS22-L_14 Datasheet
266Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
logo
KISTLER INSTRUMENT CORP...
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com