Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCK Datasheet (PDF) - Lorlin Electronics Ltd.

GCK Datasheet PDF - Lorlin Electronics Ltd.
Part # GCK
Download  GCK Download
File Size   707.56 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description ELECTRICAL & MECHANICAL SPECIFICATION

GCK Datasheet (PDF)

Go To PDF Page Download Datasheet
GCK Datasheet PDF - Lorlin Electronics Ltd.

Part # GCK
Download  GCK Click to download

File Size   707.56 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description ELECTRICAL & MECHANICAL SPECIFICATION

GCK Datasheet (HTML) - Lorlin Electronics Ltd.


GCK Product details

FEATURES
PCB Terminals
+ extra stabilising terminals
Spindles with special flats, slots or knurls
Gray coded, standard and complimentary versions
Adjustable stops to restrict number of positions
Standard silver contacts, gold flashed
or gold plated also available
Standard 22.5° indexing 4-Bit
Standard 45° indexing 3-Bit
Moulded 27.5mm diameter
Made in the UK UL-V0 rated material option




Similar Part No. - GCK

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
GCK1016 LORLIN-GCK1016 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1017 LORLIN-GCK1017 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1018 LORLIN-GCK1018 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1019 LORLIN-GCK1019 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1020 LORLIN-GCK1020 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results


Similar Description - GCK

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1026 ETC2-CK1026 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com