Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL Datasheet (PDF) - Lorlin Electronics Ltd.

IRL Datasheet PDF - Lorlin Electronics Ltd.
Part # IRL
Download  IRL Download
File Size   888.34 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description IRL IMPULSION LOCK SWITCH 2 & 3 POSITION

IRL Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL Datasheet PDF - Lorlin Electronics Ltd.

Part # IRL
Download  IRL Click to download

File Size   888.34 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description IRL IMPULSION LOCK SWITCH 2 & 3 POSITION

IRL Datasheet (HTML) - Lorlin Electronics Ltd.


IRL Product details

FEATURES
2 keys per switch, up to 200 differ key
combinations available
Keys can be inserted either way up
Master key versions to order
Double Pole DPST
Rear panel depth - <30mm
Single Pole SPDT
Rear panel depth - <35mm
Front assembly
Moulded bezel
available
Made in UK
Spring return




Similar Part No. - IRL

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
IRL LORLIN-IRL Datasheet
452Kb / 1P
IRL IMPULSION LOCK SWITCHES
logo
ams-OSRAM AG
IRL 81A AMSOSRAM-IRL 81A Datasheet
1Mb / 15P
High Power Infrared Emitter
Version 1.9 2022-08-08
IRL 81A-RS AMSOSRAM-IRL 81A-RS Datasheet
1Mb / 15P
High Power Infrared Emitter
Version 1.9 2022-08-08
logo
Lorlin Electronics Ltd.
IRL-5-K-D-2 LORLIN-IRL-5-K-D-2 Datasheet
452Kb / 1P
IRL IMPULSION LOCK SWITCHES
IRL-5-K-S-2 LORLIN-IRL-5-K-S-2 Datasheet
452Kb / 1P
IRL IMPULSION LOCK SWITCHES
More results


Similar Description - IRL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7220M SANYO-LA7220M Datasheet
144Kb / 5P
3-Channel 2-Position Electronic Switch for VCR/Audio Use
logo
Tyco Electronics
100100-1 MACOM-100100-1 Datasheet
52Kb / 1P
2 POSITION POSITIVE-LOCK HOUSING
logo
List of Unclassifed Man...
HE6B-M200B ETC2-HE6B-M200B Datasheet
1Mb / 4P
HE6B 3-position Enabling Switch
logo
Schneider Electric
9001KS11K2 SCHNEIDER-9001KS11K2 Datasheet
108Kb / 2P
30MM KEY SELECTOR SWITCH 2- POSITION
Jan 4, 2022
9001KS25K2 SCHNEIDER-9001KS25K2 Datasheet
104Kb / 2P
30MM KEY SELECTOR SWITCH 2- POSITION
Jan 4, 2022
9001KS34K1 SCHNEIDER-9001KS34K1 Datasheet
105Kb / 2P
30MM KEY SELECTOR SWITCH 2- POSITION
Jan 4, 2022
9001KS52K5 SCHNEIDER-9001KS52K5 Datasheet
130Kb / 2P
30MM KEY SELECTOR SWITCH 3- POSITION
Jan 4, 2022
logo
Lorlin Electronics Ltd.
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com