Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

171010501 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

171010501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 171010501
Download  171010501 Download
File Size   6515.07 Kbytes
Page   36 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description VDMM - Variable Step Down MicroModule 2.5V - 5.5V Input / 1A Output / 0.8V - 5.5V Output

171010501 Datasheet (PDF)

Go To PDF Page Download Datasheet
171010501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171010501
Download  171010501 Click to download

File Size   6515.07 Kbytes
Page   36 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description VDMM - Variable Step Down MicroModule 2.5V - 5.5V Input / 1A Output / 0.8V - 5.5V Output

171010501 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


171010501 Product details

FEATURES
• Peak efficiency up to 96%
• Current capability up to 1A
• Input voltage range: 2.5V to 5.5V
• Output voltage range: 0.8V to 5.5V
• 25μA typical quiescent current
• Integrated shielded inductor
• Low output voltage ripple: 6mV typ.
• Output voltage accuracy over temperature: 2% max
• Fixed switching frequency: 4MHz
• Constant on-time control
• Synchronous operation
• Power good indicator
• Undervoltage lockout
• Internal soft-start
• Thermal shutdown
• Short-circuit protection
• Cycle-by-cycle current limit
• RoHS und REACh compliant
• Operating ambient temperature up to 85°C
• Operating junction temp. range: -40°C to 125°C
• Complies with EN55032 class B radiated emissions
standard




Similar Part No. - 171010501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171010502 WURTH-171010502 Datasheet
4Mb / 39P
VDMM ??Variable Step Down MicroModule
1.0
More results


Similar Description - 171010501

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
logo
Richtek Technology Corp...
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
logo
Texas Instruments
TPS51312 TI1-TPS51312_16 Datasheet
1Mb / 21P
3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
logo
Wurth Elektronik GmbH &...
171960501 WURTH-171960501 Datasheet
3Mb / 36P
Variable Step Down MicroModule
logo
Maxim Integrated Produc...
MAX38889AEVKIT MAXIM-MAX38889AEVKIT Datasheet
602Kb / 9P
2.5V to 5.5V System Output Voltage Range
Rev 0; 4/21
logo
Wurth Elektronik GmbH &...
171010502 WURTH-171010502 Datasheet
4Mb / 39P
VDMM ??Variable Step Down MicroModule
1.0
171010550 WURTH-171010550 Datasheet
4Mb / 48P
Variable Step Down MicroModule
1.0
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Wurth Elektronik GmbH &...
171930601 WURTH-171930601 Datasheet
1Mb / 37P
WPME-VDMM - Variable Step Down MicroModule 3.5V - 36V Input / 0.3A Output / 1V - 6V Output
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com