Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17800VISM Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

17800VISM Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 17800VISM
Download  17800VISM Download
File Size   3834.7 Kbytes
Page   44 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description VISM – Variable Isolated SIP Module 8V – 42V / 1W / 2kV functional isolated regulated 3.3V – 6V adjustable Output

17800VISM Datasheet (PDF)

Go To PDF Page Download Datasheet
17800VISM Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 17800VISM
Download  17800VISM Click to download

File Size   3834.7 Kbytes
Page   44 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description VISM – Variable Isolated SIP Module 8V – 42V / 1W / 2kV functional isolated regulated 3.3V – 6V adjustable Output

17800VISM Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


17800VISM Product details

FEATURES
• Peak efficiency up to 82%
• 2kV DC for 60s functional isolation
• Current capability up to 0.3A
• Input voltage range: 8V to 42V
• Regulated output voltage range: 3.3V to 6V
• No minimum load required
• Continuous output power: 1W
• Integrated CIN, COUT and transformer
• Dynamic power boost of 600mA
• Thermal shut down
• Short circuit protection
• Low output voltage ripple: typ. <15mV at full load
• Reference accuracy: ±0.5%.
• Operating frequency range: 300 to 600 kHz
• Operating ambient temperature range:- 40°C to 85°C
• RoHS & REACh compliant
• UL94V-0 package material
• Complies with EN55032 class B conducted and
radiated emissions standard
• UL60950-1, 2nd Edition
• C22.2 No. 60950-1-07, 2nd Edition
• IEC/EN60950-1, 2nd Edition
• IEC/EN62368-1, 2nd Edition
• UL62368-1, 2nd Edition
• C22.2 No. 62368-1-14, 2nd Edition




Similar Part No. - 17800VISM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17800 ETC2-17800 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Extreme Networks.
17800 EXTREMENETWORKS-17800 Datasheet
205Kb / 9P
100Gb Spine Switch and High Density 10Gb Leaf Switch
11aug23
logo
Weidmuller
1780000000 WEIDMULLER-1780000000 Datasheet
414Kb / 5P
SL-SMT 5.08HC/07/90 3.2SN BK BX
logo
PHOENIX CONTACT
1780002 PHOENIX-1780002 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1780002 PHOENIX-1780002 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
More results


Similar Description - 17800VISM

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
1S7WA GAPTEC-1S7WA Datasheet
529Kb / 2P
1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
1S7WB GAPTEC-1S7WB Datasheet
530Kb / 2P
1W - Single/Dual Output - Wide Input - Isolated & Regulated SIP Package
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
17791063215 WURTH-17791063215 Datasheet
3Mb / 44P
8V ??42V / 1W / 2kV functional isolated regulated 3.3V ??6V adjustable Output
1.0 May 2018
logo
Guangzhou Reicu Electro...
B0303M-1W REICU-B0303M-1W Datasheet
2Mb / 1P
1600VDC Isolated 1W Single Output SIP-Package
REV:3.1
logo
Wurth Elektronik GmbH &...
1789205X1 WURTH-1789205X1 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779205X41 WURTH-1779205X41 Datasheet
2Mb / 35P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com