Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4014B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4014B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4014B
Download  HEF4014B Download
File Size   216.63 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit static shift register

HEF4014B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4014B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4014B
Download  HEF4014B Click to download

File Size   216.63 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit static shift register

HEF4014B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4014B Product details

1. General description
The HEF4014B is an 8-bit shift register with synchronous parallel enable. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Tolerant of slow clock rise and fall times
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Parallel-to-serial converter
• Serial data queueing
• General purpose register




Similar Part No. - HEF4014B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
8-bit static shift register
January 1995
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
8-bit static shift register
logo
NXP Semiconductors
HEF4014BD PHILIPS-HEF4014BD Datasheet
89Kb / 6P
8-bit static shift register
January 1995
HEF4014BF PHILIPS-HEF4014BF Datasheet
89Kb / 6P
8-bit static shift register
January 1995
More results


Similar Description - HEF4014B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
8-bit static shift register
January 1995
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
8-bit static shift register
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
8-bit static shift register
Rev. 04-10 November 2008
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
8-bit static shift register
Rev. 8-21 November 2011
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
8-bit static shift register
HEF4021B-Q100 NEXPERIA-HEF4021B-Q100 Datasheet
766Kb / 15P
8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
8-bit static shift register
Rev. 11 - 1 December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com