Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4015B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4015B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4015B
Download  HEF4015B Download
File Size   213.5 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-bit static shift register

HEF4015B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4015B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4015B
Download  HEF4015B Click to download

File Size   213.5 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-bit static shift register

HEF4015B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4015B Product details

1. General description
The HEF4015B is a dual edge-triggered 4-bit static shift register (serial-to-parallel converter). Each
shift register has a serial data input (nD), a clock input (nCP), four fully buffered parallel outputs
(Q0 to Q3) and an overriding asynchronous master reset input (nMR). Information present on nD is
shifted to the first register position, and all the data in the register is shifted one position to the right
on the LOW-to-HIGH transition of nCP. A HIGH on nMR clears the register and forces Q0 to Q3 to
LOW, independent of nCP and nD. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Tolerant of slow clock rise and fall times
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Serial-to-parallel converter
• Buffer stores
• General purpose register




Similar Part No. - HEF4015B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
HEF4015B NXP-HEF4015B Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BD PHILIPS-HEF4015BD Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
HEF4015BF PHILIPS-HEF4015BF Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
HEF4015BN PHILIPS-HEF4015BN Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
More results


Similar Description - HEF4015B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
Dual 4-Bit Static Shift Register
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
251Kb / 12P
Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
Dual 4-bit static shift register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
Dual 4-Bit Static Shift Register
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
Dual 4-bit Static Shift Register
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_14 Datasheet
109Kb / 5P
Dual 64-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com