Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4016B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4016B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4016B
Download  HEF4016B Download
File Size   239.69 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad single-pole single-throw analog switch

HEF4016B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4016B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4016B
Download  HEF4016B Click to download

File Size   239.69 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad single-pole single-throw analog switch

HEF4016B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4016B Product details

1. General description
The HEF4016B is a quad single pole, single throw analog switch. Each switch features two
input/output terminals (nY and nZ) and an active HIGH enable input (nE). When nE is LOW, the
analog switch is turned off. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunmity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HEF4016B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
Quadruple bilateral switches
January 1995
HEF4016BD PHILIPS-HEF4016BD Datasheet
79Kb / 8P
Quadruple bilateral switches
January 1995
HEF4016BF PHILIPS-HEF4016BF Datasheet
79Kb / 8P
Quadruple bilateral switches
January 1995
HEF4016BN PHILIPS-HEF4016BN Datasheet
79Kb / 8P
Quadruple bilateral switches
January 1995
HEF4016BP PHILIPS-HEF4016BP Datasheet
79Kb / 8P
Quadruple bilateral switches
January 1995
More results


Similar Description - HEF4016B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
Quad single-pole single-throw analog switch
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
Quad single-pole single-throw analog switch
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com