Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206C100MAT9A Datasheet (PDF) - AVX Corporation

1206C100MAT9A Datasheet PDF - AVX Corporation
Part # 1206C100MAT9A
Download  1206C100MAT9A Download
File Size   98.78 Kbytes
Page   2 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description High Voltage MLC Chips For 600V to 5000V Applications

1206C100MAT9A Datasheet (PDF)

Go To PDF Page Download Datasheet
1206C100MAT9A Datasheet PDF - AVX Corporation

Part # 1206C100MAT9A
Download  1206C100MAT9A Click to download

File Size   98.78 Kbytes
Page   2 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description High Voltage MLC Chips For 600V to 5000V Applications

1206C100MAT9A Datasheet (HTML) - AVX Corporation




Similar Part No. - 1206C100MAT9A

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1206C VMI-1206C Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
AVX Corporation
1206CA100JA11A AVX-1206CA100JA11A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1206CA100JA11A AVX-1206CA100JA11A Datasheet
93Kb / 2P
High Voltage MLC Chips
1206CA100JA11A AVX-1206CA100JA11A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1206CA100JA11A AVX-1206CA100JA11A Datasheet
93Kb / 2P
For 600V to 5000V Applications
More results


Similar Description - 1206C100MAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210GC102KAT2A AVX-1210GC102KAT2A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1210GC102KAT1A AVX-1210GC102KAT1A Datasheet
98Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KAT1A AVX-1825GC471KAT1A Datasheet
99Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1825GC471KATME AVX-1825GC471KATME Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
2225AC473KAT1A AVX-2225AC473KAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1206AC101KAT1A AVX-1206AC101KAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1808HA470JAT1A AVX-1808HA470JAT1A Datasheet
118Kb / 2P
High Voltage MLC Chips For 600V to 5000V Application
12067C103KAT2A AVX-12067C103KAT2A Datasheet
82Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
1808AA471JAT1A AVX-1808AA471JAT1A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com