Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8148 Datasheet (PDF) - MUSIC Semiconductors

MU9C8148 Datasheet PDF - MUSIC Semiconductors
Part # MU9C8148
Download  MU9C8148 Download
File Size   107.06 Kbytes
Page   24 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description SRT Interface

MU9C8148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU9C8148 Datasheet PDF - MUSIC Semiconductors

Part # MU9C8148
Download  MU9C8148 Click to download

File Size   107.06 Kbytes
Page   24 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description SRT Interface

MU9C8148 Datasheet (HTML) - MUSIC Semiconductors


MU9C8148 Product details

GENERAL DESCRIPTION
The MU9C8148 is a Source Routing Transparent (SRT) Interface for the MUSIC Semiconductors MU9C1480 LANCAM for use in Token Ring LAN Bridges and Brouters. This interface operates in accordance with IEEE standards while supporting address filtering rates up to 150,000 frames/sec for minimum-length frames.

DISTINCTIVE CHARACTERISTICS
• Supports High-speed Source Routing or Source Routing Transparent Bridging for up to eight ports
• Glue-free operation with the MUSIC MU9C1480 LANCAM and Texas Instruments’ Token Ring chip set
• Configurable for either Motorola or Intel processor addressing modes
• Complies with the IEEE standards for 4 and 16 Mb/s Token Ring
• Contains a 128-entry Instruction Buffer that holds up to seven down-loadable filtering and purging routines, which can be automatically or directly invoked
• Automatically selects Source Routed or Transparent filtering routines based on Transceiver output data, and supplies the proper Match, Fail, or Flush signals to the MAC chips
• Built-in arbitration allows two MU9C8148s to share a central LANCAM database
• Selectable filtering options for each frame type
• Frame validity is checked on all Routing Information Fields
• Manufactured in CMOS technology
• Available in 68-pin PLCC package and 80-pin TQFP package




Similar Part No. - MU9C8148

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8248 MUSIC-MU9C8248 Datasheet
140Kb / 28P
FDDI SRT Interface
MU9C8248QEC MUSIC-MU9C8248QEC Datasheet
140Kb / 28P
FDDI SRT Interface
MU9C8328 MUSIC-MU9C8328 Datasheet
96Kb / 16P
Ethernet Interface
MU9C8328-RDC MUSIC-MU9C8328-RDC Datasheet
96Kb / 16P
Ethernet Interface
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
Ethernet Interface
More results


Similar Description - MU9C8148

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8248 MUSIC-MU9C8248 Datasheet
140Kb / 28P
FDDI SRT Interface
logo
E-SWITCH
SRJ E-SWITCH-SRJ Datasheet
245Kb / 1P
SRJ / SRK / SRM / SRT Series
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
Headset Detection Interface Interface
June, 2014 ??Rev. 3
logo
Schneider Electric
SRT192RMBP SCHNEIDER-SRT192RMBP Datasheet
102Kb / 2P
APC Smart-UPS SRT 192V 5kVA 諛?6kVA RM
2020. 9. 9
SRT3000RMXLT-NC SCHNEIDER-SRT3000RMXLT-NC Datasheet
79Kb / 3P
APC Smart-UPS SRT 3000VA RM 208V Network Card
Oct 14, 2020
SRT96BP SCHNEIDER-SRT96BP Datasheet
85Kb / 2P
APC Smart-UPS SRT 96V 3kVA Battery pack
2020. 10. 14
logo
PHOENIX CONTACT
5606332 PHOENIX-5606332 Datasheet
114Kb / 3P
INTERFACE Relay - INTERFACE Cabling
logo
Schneider Electric
SRT2200XLA SCHNEIDER-SRT2200XLA Datasheet
81Kb / 3P
APC Smart-UPS SRT 2200VA 120V
Sep 3, 2020
SRT3000RMXLA SCHNEIDER-SRT3000RMXLA Datasheet
72Kb / 3P
APC Smart-UPS SRT 3000VA RM 120V
Apr 05, 2018
SRT5KRMXLT SCHNEIDER-SRT5KRMXLT Datasheet
100Kb / 4P
APC Smart-UPS SRT 5000VA RM 208V
Jun 16, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com