Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8196 Datasheet (PDF) - Analog Devices

AD8196 Datasheet PDF - Analog Devices
Part # AD8196
Download  AD8196 Download
File Size   533.15 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2:1 HDMI/DVI Switch with Equalization

AD8196 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8196 Datasheet PDF - Analog Devices

Part # AD8196
Download  AD8196 Click to download

File Size   533.15 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2:1 HDMI/DVI Switch with Equalization

AD8196 Datasheet (HTML) - Analog Devices


AD8196 Product details

GENERAL DESCRIPTION

The AD8196 is an HDMI/DVI switch featuring equalized TMDS inputs and pre-emphasized TMDS outputs, ideal for systems with long cable runs. Outputs can be set to a high impedance state to reduce the power dissipation and/or allow the construction of larger arrays using the wire-OR technique. The AD8196 is provided in a space saving, 56-lead, LFCSP, surface-mount, Pb-free, plastic package and is specified to operate over the −40°C to +85°C temperature range.



FEATURES

Two inputs, one output HDMI™/DVI links

Enables HDMI 1.3-compliant receiver

Pin-to-pin compatible with the AD8190

Four TMDS channels per link

Supports 250 Mbps to 2.25 Gbps data rates

Supports 25 MHz to 225 MHz pixel clocks

Equalized inputs for operation with long HDMI cables

(20 meters at 2.25Gbps)

Fully buffered unidirectional inputs/outputs

Globally switchable 50 Ωon-chip terminations

Pre-emphasized outputs

Low added jitter

Single-supply operation (3.3 V)

Four auxiliary channels per link

Bidirectional unbuffered inputs/outputs

Flexible supply operation (3.3 V to 5 V)

HDCP standard compatible

Allows switching of DDC bus and two additional signals

Output disable feature

Reduced power dissipation

Output termination removal

Two AD8196s support HDMI/DVI dual-link

Standards compliant: HDMI receiver, HDCP, DVI

Serial (I2C slave) control interface

56-lead, 8 mm x 8 mm, LFCSP, Pb-free package




Similar Part No. - AD8196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Similar Description - AD8196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8197 AD-AD8197 Datasheet
700Kb / 32P
4:1 HDMI/DVI Switch with Equalization
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com