Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79L05 Datasheet (PDF) - List of Unclassifed Manufacturers

LM79L05 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM79L05
Download  LM79L05 Download
File Size   49.68 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 100mA Negative Voltage Regulator

LM79L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79L05 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM79L05
Download  LM79L05 Click to download

File Size   49.68 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 100mA Negative Voltage Regulator

LM79L05 Datasheet (HTML) - List of Unclassifed Manufacturers


LM79L05 Product details

[Bay Linear, Inc]

Description
The Bay Linear LM79LXX is integrated linear negative regulator with three terminals. The LM79LXX offer several fixed output voltages making them useful in wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition they can be used with power pass elements to make high-current voltage regulators. Each of these regulators can deliver up to 100mA of output current.

Features
• Output Current of 100mA
• Output Voltage Tolerance of 5%
• Internal thermal overload protection
• Internal Short-Circuit Limited
• No External Component
• Output Voltage- 5.0V, -12V, -15V, -18V, - 24V
• Offer in plastic TO-92
• Direct Replacement for MC79L00

Applications
• Post regulator for switching DC/DC converter
• Bias supply for analog circuits




Similar Part No. - LM79L05

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM79L05 HTC-LM79L05 Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
Three-terminal negative voltage regulator
logo
Shenzhen Jin Yu Semicon...
LM79L05 HTSEMI-LM79L05 Datasheet
934Kb / 2P
Three-terminal negative voltage regulator
More results


Similar Description - LM79L05

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
3-pin Negative Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
3 Terminal Negative Voltage Regulator [100mA]
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
3-Terminal 100mA Negative Voltage Regulator
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
100mA NEGATIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
3-Terminal 100mA Negative Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com