Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8880MN Datasheet (PDF) - Belden Inc.

8880MN Datasheet PDF - Belden Inc.
Part # 8880MN
Download  8880MN Download
File Size   193.68 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SpaceMaker™, 12 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937

8880MN Datasheet (PDF)

Go To PDF Page Download Datasheet
8880MN Datasheet PDF - Belden Inc.

Part # 8880MN
Download  8880MN Click to download

File Size   193.68 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description SpaceMaker™, 12 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937

8880MN Datasheet (HTML) - Belden Inc.


8880MN Product details

Product Description
SpaceMaker™, 12 Conductor 20AWG (26x34) Tinned Copper, PO Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, AWM 2937




Similar Part No. - 8880MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8880 ETC2-8880 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
ebm-papst
8880A EBMPAPST-8880A Datasheet
389Kb / 1P
TUBEAXIAL
8880A EBMPAPST-8880A Datasheet
290Kb / 4P
AC axial compact fan
8880N EBMPAPST-8880N Datasheet
361Kb / 1P
TUBEAXIAL
More results


Similar Description - 8880MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8762MN BELDEN-8762MN Datasheet
166Kb / 2P
SpaceMaker™, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8878MN BELDEN-8878MN Datasheet
189Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8881MN BELDEN-8881MN Datasheet
188Kb / 2P
SpaceMaker™, 15 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8772MN BELDEN-8772MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9457MN BELDEN-9457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8876MN BELDEN-8876MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8885MN BELDEN-8885MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8877MN BELDEN-8877MN Datasheet
188Kb / 2P
SpaceMaker™, 7 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9455MN BELDEN-9455MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8873MN BELDEN-8873MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com