Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5C6401 Datasheet (PDF) - Micron Technology

MT5C6401 Datasheet PDF - Micron Technology
Part # MT5C6401
Download  MT5C6401 Download
File Size   128.48 Kbytes
Page   11 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 64K x 1 SRAM

MT5C6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5C6401 Datasheet PDF - Micron Technology

Part # MT5C6401
Download  MT5C6401 Click to download

File Size   128.48 Kbytes
Page   11 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 64K x 1 SRAM

MT5C6401 Datasheet (HTML) - Micron Technology


MT5C6401 Product details

GENERAL DESCRIPTION
The MT5C6401 is organized as a 65,556 x 1 SRAM using a four-transistor memory cell with a high-speed, low-power CMOS process. Micron SRAMs are fabricated using double-layer metal, double-layer polysilicon technology.

FEATURES
• High speed: 9, 10, 12, 15, 20 and 25ns
• High-performance, low-power, CMOS double-metal process
• Single +5V ±10% power supply
• Easy memory expansion with /C/E option
• All inputs and outputs are TTL-compatible




Similar Part No. - MT5C6401

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C6401C-12L/883C AUSTIN-MT5C6401C-12L/883C Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C6401C-12L/IT AUSTIN-MT5C6401C-12L/IT Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C6401C-12L/XT AUSTIN-MT5C6401C-12L/XT Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C6401C-15L/883C AUSTIN-MT5C6401C-15L/883C Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
More results


Similar Description - MT5C6401

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
64K x 32 SRAM???
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
64K x 64 SRAM???
logo
Cypress Semiconductor
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
1-Mbit (64K x 18) Pipelined DCD Sync SRAM
logo
Austin Semiconductor
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
logo
Cypress Semiconductor
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
1-Mbit (64K x 18) Flow-Through Sync SRAM
logo
Austin Semiconductor
MT5C2564 AUSTIN-MT5C2564_05 Datasheet
94Kb / 12P
64K x 4 SRAM SRAM MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com