Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1329285 Datasheet (PDF) - PHOENIX CONTACT

1329285 Datasheet PDF - PHOENIX CONTACT
Part # 1329285
Download  1329285 Download
File Size   711.23 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P2N8A90DUS - Coupler connector

1329285 Datasheet (PDF)

Go To PDF Page Download Datasheet
1329285 Datasheet PDF - PHOENIX CONTACT

Part # 1329285
Download  1329285 Click to download

File Size   711.23 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P2N8A90DUS - Coupler connector

1329285 Datasheet (HTML) - PHOENIX CONTACT


1329285 Product details

M23, Coupler connector, M23 PRO, straight, shielded: yes, for standard and ONECLICK fast
locking system, No. of pos.: 12, Direction of rotation: Counter direction, type of contact: Pin,
Crimp connection, cable diameter range: 3 mm ... 15 mm, coding:N, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1329285

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1329280 PHOENIX-1329280 Datasheet
749Kb / 17P
M23-12S2N8AWB00S - Device connector front mounting
1329282 PHOENIX-1329282 Datasheet
640Kb / 16P
M23-12P2N8A9002S - Coupler connector
1329283 PHOENIX-1329283 Datasheet
709Kb / 17P
M23-12P2N8A9003S - Coupler connector
1329284 PHOENIX-1329284 Datasheet
640Kb / 16P
M23-12P2N8A9004S - Coupler connector
1329288 PHOENIX-1329288 Datasheet
756Kb / 19P
M23-12P2N8AW600S - Device connector front mounting
More results


Similar Description - 1329285

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628779 PHOENIX-1628779 Datasheet
573Kb / 14P
M23-7EP198A9LDLS - Coupler connector
1628785 PHOENIX-1628785 Datasheet
537Kb / 12P
M23-5EP198A9LDLS - Coupler connector
1628789 PHOENIX-1628789 Datasheet
537Kb / 12P
M23-5EP198A9L23S - Coupler connector
1628838 PHOENIX-1628838 Datasheet
573Kb / 14P
M23-7ES198A9L24S - Coupler connector
1629105 PHOENIX-1629105 Datasheet
726Kb / 17P
M23-17P1N8A9004S - Coupler connector
1629112 PHOENIX-1629112 Datasheet
695Kb / 17P
M23-12P1N8A90DUS - Coupler connector
1629118 PHOENIX-1629118 Datasheet
710Kb / 17P
M23-12S1N8A9003S - Coupler connector
1629140 PHOENIX-1629140 Datasheet
602Kb / 15P
M23-06P1N8A90DUS - Coupler connector
1329283 PHOENIX-1329283 Datasheet
709Kb / 17P
M23-12P2N8A9003S - Coupler connector
1629117 PHOENIX-1629117 Datasheet
713Kb / 18P
M23-12S1N8A9004S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com