Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF08127 Datasheet (PDF) - Renesas Technology Corp

PF08127 Datasheet PDF - Renesas Technology Corp
Part # PF08127
Download  PF08127 Download
File Size   140.95 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone

PF08127 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF08127 Datasheet PDF - Renesas Technology Corp

Part # PF08127
Download  PF08127 Click to download

File Size   140.95 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone

PF08127 Datasheet (HTML) - Renesas Technology Corp


PF08127 Product details

Features
• All in one including output matching circuit
• Simple external circuit
• Simple power control
• High gain 3stage amplifier : 0 dBm input Typ
• Lead less thin & Small package : 8.0 × 10.0 mm Typ × 1.5 mm Max
• High efficiency : 55% Typ at 35.0 dBm for E-GSM
47% Typ at 32.5 dBm for DCS1800
47% Typ at 32.0 dBm for DCS1900




Similar Part No. - PF08127

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08127B RENESAS-PF08127B Datasheet
183Kb / 16P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
More results


Similar Description - PF08127

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for GSM Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
MOS FET Power Amplifier Module for E-GSM Handy Phone
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com