Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202MA Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

X0202MA Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # X0202MA
Download  X0202MA Download
File Size   405.8 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

X0202MA Datasheet (PDF)

Go To PDF Page Download Datasheet
X0202MA Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # X0202MA
Download  X0202MA Click to download

File Size   405.8 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

X0202MA Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


X0202MA Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.'

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 1.25 A
Ultra low gate trigger current




Similar Part No. - X0202MA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202MA STMICROELECTRONICS-X0202MA Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0202MA STMICROELECTRONICS-X0202MA Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0202MA STMICROELECTRONICS-X0202MA Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0202MA-1BA2 STMICROELECTRONICS-X0202MA-1BA2 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0202MA-2BL2 STMICROELECTRONICS-X0202MA-2BL2 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
More results


Similar Description - X0202MA

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com