Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1416263 Datasheet (PDF) - PHOENIX CONTACT

1416263 Datasheet PDF - PHOENIX CONTACT
Part # 1416263
Download  1416263 Download
File Size   1067.74 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-OE-M12FSBP-93R-LI/2,0 - Device connector, rear mounting

1416263 Datasheet (PDF)

Go To PDF Page Download Datasheet
1416263 Datasheet PDF - PHOENIX CONTACT

Part # 1416263
Download  1416263 Click to download

File Size   1067.74 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-OE-M12FSBP-93R-LI/2,0 - Device connector, rear mounting

1416263 Datasheet (HTML) - PHOENIX CONTACT


1416263 Product details

Device connector, rear mounting, PROFINET CAT5 (100 Mbps) CAT5 (100 Mbps), 4-position
halogen-free, green RAL 6018, shielded, Flush-type female connector, straight, M12-
SPEEDCON, coding: D , on free cable end, Rear mounting, cable length: 5 m, PROFINET,
Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1260715

Your advantages
• Pre-assembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1416263

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416200 PHOENIX-1416200 Datasheet
574Kb / 17P
NBC-M12MSD/ 2,0-93C/M12MSD - Network cable
1416204 PHOENIX-1416204 Datasheet
343Kb / 6P
Network cable - VS-PPC/ME-M12MS-93C-LI/5,0
1416209 PHOENIX-1416209 Datasheet
1,018Kb / 28P
VS-OE-M12FSBP-93C-LI/2,0 - Device connector, rear mounting
1416212 PHOENIX-1416212 Datasheet
415Kb / 9P
VS-IP20-M12FSBP-93C-LI/2,0 - Network cable
1416216 PHOENIX-1416216 Datasheet
281Kb / 8P
VS-OE-PPC/ME-93C-LI/5,0 - Network cable
More results


Similar Description - 1416263

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405866 PHOENIX-1405866 Datasheet
804Kb / 24P
VS-M12FSBP-OE-93E-LI/2,0 - Device connector, rear mounting
1407877 PHOENIX-1407877 Datasheet
881Kb / 24P
VS-M12FSBP-OE-94B-LI/5,0 - Device connector, rear mounting
1412820 PHOENIX-1412820 Datasheet
347Kb / 10P
VS-M12FSBP-OE-94C-LI/2,0 - Device connector, rear mounting
1238660 PHOENIX-1238660 Datasheet
370Kb / 7P
VS-M12FSBP-OE-94B-LI/0,5X - Device connector, rear mounting
1238737 PHOENIX-1238737 Datasheet
743Kb / 22P
VS-M12FSBP-OE-93E-LI/2,0X - Device connector, rear mounting
1260718 PHOENIX-1260718 Datasheet
286Kb / 8P
VS-M12FSBP-OE-94C-LI/2,0X - Device connector, rear mounting
1238757 PHOENIX-1238757 Datasheet
820Kb / 22P
VS-M12FSBP-OE-94B-LI/5,0X - Device connector, rear mounting
1416155 PHOENIX-1416155 Datasheet
284Kb / 8P
VS-OE-M12FSBP-93B-LI/2,0 - Device connector, rear mounting
1416209 PHOENIX-1416209 Datasheet
1,018Kb / 28P
VS-OE-M12FSBP-93C-LI/2,0 - Device connector, rear mounting
1260715 PHOENIX-1260715 Datasheet
1Mb / 25P
VS-OE-M12FSBP-93R-LI/2,0X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com