Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA351A Datasheet (PDF) - Texas Instruments

INA351A Datasheet PDF - Texas Instruments
Part # INA351A
Download  INA351A Download
File Size   1660.47 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier

INA351A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA351A Datasheet PDF - Texas Instruments

Part # INA351A
Download  INA351A Click to download

File Size   1660.47 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier

INA351A Datasheet (HTML) - Texas Instruments


INA351A Product details

1 Features
• Fixed gain of 10V/V instrumentation amp with
configurable reference amp
• INA performance for 10-bit to 14-bit systems
– CMRR: 95 dB (typical)
– Gain error: 0.015% (typical)
– Bandwidth: 100 kHz (typical)
• Reference amp can be used for:
– External DC error calibration with servo loop
– Providing buffered voltage of external circuits
– Filtering or adjustment of reference voltage
• Ultra-small package option (2mm x 2mm)
• Drives 1 nF with under 10% overshoot (typical)
• Optimized quiescent current: 110 μA (typical)
• Supply range: 1.8 V (±0.9 V) to 5.5 V (±2.75 V)
• Specified temperature range: –40°C to 125°C

2 Applications
• Electrocardiogram
• Pressure transmitter
• Weigh scale
• Flow transmitter
• Wearable fitness and activity monitor
• Blood glucose monitor
• Temperature sensing with RTD

3 Description
INA351A is a fixed gain of 10 instrumentation
amplifier with a configurable reference amplifier in a
small package. This instrumentation amp (INA) is built
with precision-matched resistors to achieve excellent
CMRR and gain error performance in a small, lowcost
form factor. This makes INA351A a great solution
to replace discrete INA implementations to achieve
higher performance and more compact designs with
minimal impact to bill of materials (BOM) costs.
The integrated, configurable reference amplifier can
be used as a buffer for external use or as part
of a closed-loop calibration circuit to achieve better
DC precision. The closed-loop calibration can be
accomplished by implementing a servo loop amplifier
to calibrate DC errors from sensors (like offset, offset
drift and so forth) at the INA output when the INA
input signal is at a slightly higher frequency than DC
depending on the application.
INA351A achieves 86 dB of minimum CMRR, an
accurate 0.1% of maximum gain error and only
consumes a maximum of 135 μA quiescent current at
room temperature. The INA can directly drive sub-1
kHz, 10-bit to 14-bit, delta-sigma analog-to-digital
converters (ADC) without an ADC driver, making it
a great choice for portable, battery-powered medical
applications like electrocardiograms or wearable
health monitors.




Similar Part No. - INA351A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA351ABS TI-INA351ABS Datasheet
3Mb / 40P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
DECEMBER 2022
INA351ABS TI1-INA351ABS Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351ABS TI-INA351ABS Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
INA351ABS TI-INA351ABS Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
INA351ABS TI2-INA351ABS Datasheet
3Mb / 48P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED NOVEMBER 2024
More results


Similar Description - INA351A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA823 TI-INA823 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V02 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022
INA351 TI-INA351 Datasheet
3Mb / 40P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
DECEMBER 2022
INA351 TI1-INA351_V01 Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
INA351 TI-INA351_V02 Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com