Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS628600YCH Datasheet (PDF) - Texas Instruments

TPS628600YCH Datasheet PDF - Texas Instruments
Part # TPS628600YCH
Download  TPS628600YCH Download
File Size   2063.78 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6286x 1.75-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface

TPS628600YCH Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628600YCH Datasheet PDF - Texas Instruments

Part # TPS628600YCH
Download  TPS628600YCH Click to download

File Size   2063.78 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6286x 1.75-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface

TPS628600YCH Datasheet (HTML) - Texas Instruments


TPS628600YCH Product details

1 Features
• 2.3-μA operating quiescent current
• Up to 4-MHz switching frequency
• 1% output voltage accuracy
• DVS output from 0.4 V to 1.9875 V (12.5-mV
steps)
• I2C user interface to adjust
– Output voltage presets
– Ramp speed
• VSEL-pin to toggle VOUT during operation
• Power-good indication
• Supports < 6-mm² solution size
• Supports < 0.6-mm solution height
• Tiny 8-pin, 0.35-mm pitch WCSP package
• Optimized pinout to support 0201 components

2 Applications
• Wearable electronics
• Portable electronics
• Mobile phones
• Medical sensor patches and patient monitors

3 Description
The TPS6286x devices are high-frequency
synchronous step-down converters with I2C- and
VSEL-Interface. The devices provide an efficient,
flexible, and high-power density point-of-load DC/DC
solution. At medium to heavy loads, the converter
operates in PWM mode and automatically enters
Power Save Mode operation at light load to maintain
high efficiency over the entire load current range. The
device can also be forced in PWM mode operation
for the smallest output voltage ripple. Together, with
its DCS-Control architecture, excellent load transient
performance and tight output voltage accuracy are
achieved. With the I2C interface and a dedicated
VSEL pin, the output voltage is quickly adjusted to
adapt the power consumption of the load to the everchanging
performance needs of the application. The
device family is available with two VSEL pins and
four factory preset voltages to allow usage without I2C
interface.




Similar Part No. - TPS628600YCH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628600YCH TI1-TPS628600YCH Datasheet
1Mb / 31P
1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
TPS628600YCH TI-TPS628600YCH Datasheet
2Mb / 39P
1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
TPS628600YCH TI1-TPS628600YCH Datasheet
2Mb / 38P
TPS6286x 1.75-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
OCTOBER 2023
TPS628600YCH TI1-TPS628600YCH Datasheet
1Mb / 37P
TPS6286x 1.75V to 5.5V Input, 0.6/1A Synchronous Step-Down Converter With I2C/VSEL Interface
JANUARY 2025
TPS628600YCHR TI-TPS628600YCHR Datasheet
2Mb / 39P
1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
More results


Similar Description - TPS628600YCH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
LMR36006-Q1 TI1-LMR36006-Q1 Datasheet
1Mb / 34P
4.2-V to 60-V, 0.6-A Synchronous Step-Down Converter
TPS62864 TI1-TPS62864_V01 Datasheet
1Mb / 31P
TPS6286x 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
TPS62861 TI1-TPS62861 Datasheet
1Mb / 31P
1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
TPS62860 TI-TPS62860 Datasheet
2Mb / 39P
1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
TPS62864 TI-TPS62864_V03 Datasheet
2Mb / 40P
TPS62864/6 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in WCSP Package
TPS62868 TI-TPS62868 Datasheet
1Mb / 31P
TPS62868/9 2.4-V to 5.5-V Input, 4-A/ 6-A Synchronous Step-Down Converter with I2C Interface in QFN Package
TPS62868 TI-TPS62868_V01 Datasheet
2Mb / 38P
TPS62868x 2.4-V to 5.5-V Input, 4-A/6-A Synchronous Step-Down Converter with I2C Interface in QFN Package
TPS62868 TI-TPS62868_V02 Datasheet
2Mb / 40P
TPS62868x 2.4-V to 5.5-V Input, 4-A/6-A Synchronous Step-Down Converter with I2C Interface in QFN Package
TPS62868 TI-TPS62868_V03 Datasheet
2Mb / 40P
TPS62868x 2.4-V to 5.5-V Input, 4-A/6-A Synchronous Step-Down Converter with I2C Interface in QFN Package
JULY 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com