Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78L02ACLP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
UA78L02ACLP Datasheet PDF - Texas Instruments
Part # UA78L02ACLP
Download  UA78L02ACLP Download
File Size   1784.44 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UA78L Series Positive-Voltage Linear Regulators

UA78L02ACLP Datasheet (PDF)

Go To PDF Page Download Datasheet
UA78L02ACLP Datasheet PDF - Texas Instruments

Part # UA78L02ACLP
Download  UA78L02ACLP Click to download

File Size   1784.44 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UA78L Series Positive-Voltage Linear Regulators

UA78L02ACLP Datasheet (HTML) - Texas Instruments


UA78L02ACLP Product details

1 Features
• Input voltage range (VI): 4.75 V to 35 V
• Output voltage range (VO):
– 2.6 V to 15 V (for legacy chip)
– 3.3 V to 15 V (for new chip)
• Output current: Up to 100 mA
• Quiescent current IQ: 3.8 mA
• Built-in short-circuit current limiting and thermal
protection
• Stable without any external component
• Supported temperature range:
– Legacy chip C and AC versions: 0°C to +125°C
– Legacy chip AI version: –40°C to +125°C
– New chip: –40°C to +125°C
• Packages:
– 8-pin, 4.9-mm × 3.91-mm SOIC
– 3-pin, 4.3-mm × 4.3-mm TO-92
– 3-pin, 4.5-mm × 2.5-mm SOT-89

2 Applications
• Motor drives
• Appliances
• Building automation
• Flow transmitters
• Factory automation and control

3 Description
The UA78L series of fixed-voltage linear regulators is
designed for a wide range of applications. The UA78L
series can be used for on-card regulation to eliminate
the noise and distribution problems associated with
single-point regulation. The UA78L can also be
used with power-pass elements to make high-current
voltage regulators. The UA78L series regulators can
deliver up to 100 mA of output current. Additionally,
the UA78L does not need an external capacitor
for stable operation across the load current range.
The internal current-limiting and thermal-shutdown
features of these regulators help protect the device
from overload.
For the legacy chip, the UA78L00C and UA78L00AC
series are characterized for the junction temperature
range of 0°C to +125°C and the UA78L05AI device
is characterized for the operating junction temperature
range of –40°C to +125°C.
For the new chip, the UA78L series is characterized
for the junction temperature range of –40°C to
+125°C.




Similar Part No. - UA78L02ACLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L02ACLP TI-UA78L02ACLP Datasheet
366Kb / 20P
POSITIVE-VOLTAGE REGULATORS
UA78L02ACLP TI-UA78L02ACLP Datasheet
534Kb / 21P
POSITIVE-VOLTAGE REGULATORS
UA78L02ACLP TI-UA78L02ACLP Datasheet
632Kb / 25P
POSITIVE-VOLTAGE REGULATORS
UA78L02ACLP TI-UA78L02ACLP Datasheet
658Kb / 26P
POSITIVE-VOLTAGE REGULATORS
UA78L02ACLP TI-UA78L02ACLP Datasheet
707Kb / 27P
POSITIVE-VOLTAGE REGULATORS
More results


Similar Description - UA78L02ACLP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
3-TERMINAL POSITIVE LINEAR REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
UA78L02A TI1-UA78L02A_17 Datasheet
1Mb / 33P
Positive-Voltage Linear Regulators
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
Positive-Voltage Linear Regulators
UA78L TI-UA78L Datasheet
1Mb / 49P
UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com