Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA3454 Datasheet (PDF) - FETek Technology Corp.

FKBA3454 Datasheet PDF - FETek Technology Corp.
Part # FKBA3454
Download  FKBA3454 Download
File Size   458.79 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 30V Fast Switching MOSFETs

FKBA3454 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKBA3454 Datasheet PDF - FETek Technology Corp.

Part # FKBA3454
Download  FKBA3454 Click to download

File Size   458.79 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 30V Fast Switching MOSFETs

FKBA3454 Datasheet (HTML) - FETek Technology Corp.


FKBA3454 Product details

Features
⚫ Advanced Trench MOS Technology
⚫ Low Gate Charge
⚫ Low RDS(ON)
⚫ 100% EAS Guaranteed
⚫ Green Device Available

Applications
Power Management in Desktop Computer.
DC/DC Converters and for Low-side 5V Drive.




Similar Part No. - FKBA3454

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA3430 FETEK-FKBA3430 Datasheet
776Kb / 7P
30V Dual Asymmetric N-Channel MOSFETs
Ver : A
FKBA3496 FETEK-FKBA3496 Datasheet
887Kb / 7P
30V Dual Asymmetric N-Channel MOSFET
Ver : A
More results


Similar Description - FKBA3454

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3004M3 UPI-QM3004M3 Datasheet
219Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006D UPI-QM3006D Datasheet
230Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006S UPI-QM3006S Datasheet
303Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
N-ch 30V Fast Switching MOSFETs
QM3018D UPI-QM3018D Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com