Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE3A Datasheet (PDF) - Diotec Semiconductor

FE3A Datasheet PDF - Diotec Semiconductor
Part # FE3A
Download  FE3A Download
File Size   35.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Super Fast Silicon Rectifiers

FE3A Datasheet (PDF)

Go To PDF Page Download Datasheet
FE3A Datasheet PDF - Diotec Semiconductor

Part # FE3A
Download  FE3A Click to download

File Size   35.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Super Fast Silicon Rectifiers

FE3A Datasheet (HTML) - Diotec Semiconductor


FE3A Product details

Super Fast Silicon Rectifiers

• Nominal current                                      3 A
• Repetitive peak reverse voltage 50…400 V
• Plastic case                                  ~ DO-201
• Weight approx.                                    1.0 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack see page 17




Similar Part No. - FE3A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE3A GE-FE3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE3A DIOTEC-FE3A Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
logo
EIC discrete Semiconduc...
FE3A EIC-FE3A Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
91Kb / 2P
Superfast Switching Silicon Rectifier Diodes
More results


Similar Description - FE3A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE6A DIOTEC-FE6A Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF32 YFWDIODE-SF32_V01 Datasheet
564Kb / 3P
Super Fast Silicon Rectifiers
SF52 YFWDIODE-SF52_V01 Datasheet
566Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G Datasheet
567Kb / 3P
Super Fast Silicon Rectifiers
SF62 YFWDIODE-SF62_V01 Datasheet
434Kb / 3P
Super Fast Silicon Rectifiers
SF62G YFWDIODE-SF62G Datasheet
427Kb / 3P
Super Fast Silicon Rectifiers
SR84E YFWDIODE-SR84E_V01 Datasheet
437Kb / 3P
Super Fast Silicon Rectifiers
SRA4E YFWDIODE-SRA4E_V01 Datasheet
436Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G_V01 Datasheet
361Kb / 3P
Super Fast Silicon Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com