Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5317-EVAL Datasheet (PDF) - Analog Devices

ADL5317-EVAL Datasheet PDF - Analog Devices
Part # ADL5317-EVAL
Download  ADL5317-EVAL Download
File Size   547.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor

ADL5317-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5317-EVAL Datasheet PDF - Analog Devices

Part # ADL5317-EVAL
Download  ADL5317-EVAL Click to download

File Size   547.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor

ADL5317-EVAL Datasheet (HTML) - Analog Devices


ADL5317-EVAL Product details

GENERAL DESCRIPTION
The ADL5317 is a high voltage, wide dynamic range, biasing and current monitoring device optimized for use with avalanche photodiodes. When used with a stable high voltage supply (up to 80 V), the bias voltage at the VAPD pin can be varied from 6 V to 75 V using the 3 V-compatible VSET pin. The current sourced from the VAPD pin over a range of 5 nA to 5 mA is accurately mirrored with an attenuation of 5 and sourced from the IPDM monitor output. In a typical application, the monitor output drives a current input logarithmic amplifier to produce an output representing the optical power incident upon the photodiode. The photodiode anode can be connected to a high speed transimpedance amplifier for the extraction of the data stream.

FEATURES
   Accurately sets avalanche photodiode (APD) bias voltage
      Wide bias range from 6 V to 75 V
   3 V-compatible control interface
   Monitors photodiode current (5:1 ratio) over six decades
   Linearity 0.25% from 10 nA to 1 mA, 0.5% from 5 nA to 5 mA
   Overcurrent protection and overtemperature shutdown
   Miniature 16-lead chip scale package (LFCSP 3 mm × 3 mm)

APPLICATIONS
   Optical power monitoring and biasing in APD systems
   Wide dynamic range voltage sourcing and current
      monitoring in high voltage systems




Similar Part No. - ADL5317-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5317-EVAL AD-ADL5317-EVAL Datasheet
518Kb / 16P
Avalanche Photodiode Bias Controller
10/2017-Rev. 0 to Rev. A
ADL5317-EVAL AD-ADL5317-EVAL Datasheet
518Kb / 16P
Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
Rev. A
More results


Similar Description - ADL5317-EVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
Precision wide input range current monitor
logo
Analog Devices
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
10/05-Revision 0
logo
Zetex Semiconductors
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
Precision wide input range current monitor
JUNE 2007
logo
Texas Instruments
LM5117 TI1-LM5117 Datasheet
702Kb / 33P
Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117 TI-LM25117 Datasheet
1Mb / 43P
Wide Input Range Synchronous Buck Controller with Analog Current Monitor
logo
Analog Devices
ADL5317 AD-ADL5317_15 Datasheet
548Kb / 16P
Avalanche Photodiode Bias Controller
REV. 0
logo
List of Unclassifed Man...
M02066 ETC2-M02066 Datasheet
681Kb / 20P
Bias and modulation current monitor
logo
Analog Devices
ADL5317 AD-ADL5317_17 Datasheet
518Kb / 16P
Avalanche Photodiode Bias Controller
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com