Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKCACDBABA Datasheet (PDF) - Lorlin Electronics Ltd.

CKCACDBABA Datasheet PDF - Lorlin Electronics Ltd.
Part # CKCACDBABA
Download  CKCACDBABA Download
File Size   924.68 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CK ROTARY SWITCH

CKCACDBABA Datasheet (PDF)

Go To PDF Page Download Datasheet
CKCACDBABA Datasheet PDF - Lorlin Electronics Ltd.

Part # CKCACDBABA
Download  CKCACDBABA Click to download

File Size   924.68 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CK ROTARY SWITCH

CKCACDBABA Datasheet (HTML) - Lorlin Electronics Ltd.


CKCACDBABA Product details

FEATURES
Standard 30° indexing,
60° and 90° available
Moulded 27.5mm
diameter
Solder or PCB terminals
Gold flashed or gold plated
terminals/contacts available
Shorting (make before break 30° indexing only)
or non-shorting (break before make)
Spindles with special flats, slots or knurls
Rear drive versions
No bush versions
Moulded stop or adjustable stops to
restrict number of positions
Continuous rotation also available
Made in UK
UL-V0 rated material available
Single wafer switch
Maximum 12 positions
Up to 4 poles per switch




Similar Part No. - CKCACDBABA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43C0G1H100F100AA TDK-CKCA43C0G1H100F100AA Datasheet
1Mb / 8P
CKC Series Commercial Grade 4 in 1 Array
CKCA43C0G1H100F100AA TDK-CKCA43C0G1H100F100AA_16 Datasheet
179Kb / 1P
Multilayer Ceramic Chip Capacitors
CKCA43C0G1H101K100AA TDK-CKCA43C0G1H101K100AA Datasheet
1Mb / 8P
CKC Series Commercial Grade 4 in 1 Array
CKCA43C0G1H101K100AA TDK-CKCA43C0G1H101K100AA_16 Datasheet
180Kb / 1P
Multilayer Ceramic Chip Capacitors
CKCA43C0G1H102K100AA TDK-CKCA43C0G1H102K100AA Datasheet
1Mb / 8P
CKC Series Commercial Grade 4 in 1 Array
More results


Similar Description - CKCACDBABA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com