Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP670 Datasheet (PDF) - Analog Devices

ADCMP670 Datasheet PDF - Analog Devices
Part # ADCMP670
Download  ADCMP670 Download
File Size   121.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Comparators with 400mV Reference

ADCMP670 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP670 Datasheet PDF - Analog Devices

Part # ADCMP670
Download  ADCMP670 Click to download

File Size   121.1 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Comparators with 400mV Reference

ADCMP670 Datasheet (HTML) - Analog Devices


ADCMP670 Product details

GENERAL DESCRIPTION

The ADCMP670 consists of two low power, high accuracy, comparator and reference circuits in a 6-lead TSOT package. The internal 400 mV reference provides the ability to monitor low voltage supplies. The device operates on a supply voltage from 1.7 V to 5.5 V and draws only 6.5 μA typical, making it suitable for low power system monitoring and portable applications. Hysteresis is included in the comparators. The comparator outputs are open-drain and the output can be pulled up to any voltage up to 5.5 V. The output stage is guaranteed to sink greater than 5 mA over temperature.



FEATURES

400 mV ± 1.5% threshold

Supply range: 1.7 V to 5.5 V

Low quiescent current: 6.5 μA typical

Input range includes ground

Internal hysteresis: 8.9 mV typical

Low input bias current: ±10 nA maximum

Open-drain outputs

Supports wire-AND connections

Input polarities: one inverting and one noninverting

Low profile (1 mm) TSOT package

Drop-in replacement for the LT6700-1



APPLICATIONS

Li-Ion monitoring

Portable applications

Hand-held instruments

Window comparators

LED/relay driving

Optoisolator driving

Control systems




Similar Part No. - ADCMP670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
ADCMP670 AD-ADCMP670 Datasheet
335Kb / 16P
Dual Low Power 1.5 Comparator With 400 mV Reference
REV. A
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
ADCMP670 AD-ADCMP670_07 Datasheet
322Kb / 16P
Dual Low Power 1.5% Comparator With 400 mV Reference
2/07-Revision 0
ADCMP670 AD-ADCMP670_15 Datasheet
335Kb / 16P
Dual Low Power 1.5 Comparator With 400 mV Reference
REV. A
More results


Similar Description - ADCMP670

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
Ultralow Power Dual Comparators with Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
Dual Comparators with 400mV Reference and programmable Hysteresis
logo
Linear Technology
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
Ultralow Power Dual Comparators with Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com