Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4193 Datasheet (PDF) - Analog Devices

ADF4193 Datasheet PDF - Analog Devices
Part # ADF4193
Download  ADF4193 Download
File Size   590.92 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Phase Noise, Fast Settling PLL Frequency Synthesizer

ADF4193 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4193 Datasheet PDF - Analog Devices

Part # ADF4193
Download  ADF4193 Click to download

File Size   590.92 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Phase Noise, Fast Settling PLL Frequency Synthesizer

ADF4193 Datasheet (HTML) - Analog Devices


ADF4193 Product details

GENERAL DESCRIPTION
The ADF4193 frequency synthesizer can be used to implement local oscillators in the upconversion and downconversion sections of wireless receivers and transmitters. Its architecture is specifically designed to meet the GSM/EDGE lock time requirements for base stations. It consists of a low noise, digital phase frequency detector (PFD), and a precision differential charge pump. There is also a differential amplifier to convert the differential charge pump output to a single-ended voltage for the external voltage-controlled oscillator (VCO).

FEATURES
   New, fast settling, fractional-N PLL architecture
   Single PLL replaces ping-pong synthesizers
   Frequency hop across GSM band in 5 µs with phase settled
      by 20 µs
   0.5° rms phase error at 2 GHz RF output
   Digitally programmable output phase
   RF input range up to 3.5 GHz
   3-wire serial interface
   On-chip, low noise differential amplifier
   Phase noise figure of merit: −216 dBc/Hz
   Loop filter design possible using ADIsimPLL
   Qualified for automotive applications

APPLICATIONS
   GSM/EDGE base stations
   PHS base stations
   Instrumentation and test equipment




Similar Part No. - ADF4193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
More results


Similar Description - ADF4193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4196 AD-ADF4196 Datasheet
599Kb / 28P
Low Phase Noise, Fast Settling, 6 GHz
REV. B
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
FAST SETTLING SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
BOWEI Integrated Circui...
MPS3500BL-100M BOWEI-MPS3500BL-100M Datasheet
115Kb / 1P
Low phase noise fixed frequency synthesizer
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
5/15-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com