Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9223AASP Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9223AASP Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9223AASP
Download  9223AASP Download
File Size   119.07 Kbytes
Page   3 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Miniature Quartz Measuring Tongue for mold cavity pressure

9223AASP Datasheet (PDF)

Go To PDF Page Download Datasheet
9223AASP Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9223AASP
Download  9223AASP Click to download

File Size   119.07 Kbytes
Page   3 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Miniature Quartz Measuring Tongue for mold cavity pressure

9223AASP Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9223AASP Product details

• Force range 0 ... 2,5 kN
• Easy repositioning in different molds
• Exchangeable coaxial cable
• Corrosion-resistant




Similar Part No. - 9223AASP

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9223 ALPHAWIRE-9223 Datasheet
107Kb / 4P
Customer Specification
logo
Belden Inc.
9223 BELDEN-9223 Datasheet
664Kb / 10P
MIL-C-17G QPL Cable
logo
KNIPEX
922301 KNIPEX-922301 Datasheet
93Kb / 1P
Pinza de titanio
05.07.2021
logo
List of Unclassifed Man...
922389 ETC-922389 Datasheet
6Mb / 68P
Contacts
May 2019
922390 ETC-922390 Datasheet
6Mb / 68P
Contacts
May 2019
More results


Similar Description - 9223AASP

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1H-03 STATEK-CX-1H-03 Datasheet
78Kb / 2P
Miniature Quartz Crystal for Series Oscillators
logo
Advanced XTAL Products
PDK-P-M AXTAL-PDK-P-M Datasheet
170Kb / 1P
QUARTZ PRESSURE TRANSDUCER
logo
STATEK CORPORATION
CX1H STATEK-CX1H_08 Datasheet
165Kb / 2P
Miniature Quartz Crystal for Series Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
logo
Advanced XTAL Products
RKMA-P-OS-21 AXTAL-RKMA-P-OS-21 Datasheet
149Kb / 2P
Quartz Pressure Sensor
logo
KISTLER INSTRUMENT CORP...
9204B KISTLER-9204B Datasheet
529Kb / 5P
PinSens Force Sensor for mold cavity pressure with diameter 12,6 mm
9210A KISTLER-9210A Datasheet
773Kb / 5P
Miniature Force Sensor for mold cavity pressure with diameter ø3.5 mm
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
9213B KISTLER-9213B Datasheet
565Kb / 5P
Miniature Force Sensor for Mold Cavity Pressure with diameter 6 mm and M2,5 thread
9221A KISTLER-9221A Datasheet
156Kb / 5P
Quartz Measuring Tongue for mold cavity pressure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com