Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1407342 Datasheet (PDF) - PHOENIX CONTACT

1407342 Datasheet PDF - PHOENIX CONTACT
Part # 1407342
Download  1407342 Download
File Size   721.74 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable

1407342 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407342 Datasheet PDF - PHOENIX CONTACT

Part # 1407342
Download  1407342 Click to download

File Size   721.74 Kbytes
Page   25 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable

1407342 Datasheet (HTML) - PHOENIX CONTACT


1407342 Product details

Network cable, PROFINET CAT5 (100 Mbps), Ethernet CAT5 (100 Mbps), 4-position, shielded,
Plug straight M12, coding: D SPEEDCON / IP65, on Plug straight M12, coding: D SPEEDCON /
IP65, cable length: 2 m, For railway applications

Your advantages
• Easy and safe: 100% electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1407341 PHOENIX-1407341 Datasheet
290Kb / 25P
Network cable - NBC-MSD/10,0-937 SCO RAIL
09/11/2020
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1407344 PHOENIX-1407344 Datasheet
1,003Kb / 27P
NBC-M 8MS/ 1,0-93B - Network cable
1407345 PHOENIX-1407345 Datasheet
1,006Kb / 27P
NBC-M 8MS/ 2,0-93B - Network cable
More results


Similar Description - 1407342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411531 PHOENIX-1411531 Datasheet
117Kb / 6P
Network cable - NBC-MSD/ 2,0-93K/MSD SCO
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1407341 PHOENIX-1407341 Datasheet
290Kb / 25P
Network cable - NBC-MSD/10,0-937 SCO RAIL
09/11/2020
1406128 PHOENIX-1406128 Datasheet
362Kb / 10P
Network cable - NBC-MSD/ 2,0-93E/MSD SCO US
Jan 11, 2023
1407377 PHOENIX-1407377 Datasheet
579Kb / 17P
Network cable - NBC-MSD/ 2,0-93E/MSD SCO
Jan 11, 2023
1407357 PHOENIX-1407357 Datasheet
969Kb / 28P
Network cable - NBC-MSD/ 2,0-93E SCO
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1412178 PHOENIX-1412178 Datasheet
1Mb / 44P
NBC-MSD SCO RAIL/.../... - Network cable
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
NBC-MSD-MSD SCO RAIL/.../... - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com