Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA315 Datasheet (PDF) - LETEX TECHNOLOGY CORP.

LA315 Datasheet PDF - LETEX TECHNOLOGY CORP.
Part # LA315
Download  LA315 Download
File Size   222.76 Kbytes
Page   5 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description Photocoupler

LA315 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA315 Datasheet PDF - LETEX TECHNOLOGY CORP.

Part # LA315
Download  LA315 Click to download

File Size   222.76 Kbytes
Page   5 Pages
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.
Description Photocoupler

LA315 Datasheet (HTML) - LETEX TECHNOLOGY CORP.


LA315 Product details

Description
LA315 photocoupler is an optically coupled pair
employing a GaAs infrared LED and a NPN silicon photodarlington.
Features
•SOP package 8 Pin type in miniature design
•600% minimum current transfer ratio (Vceo:300Vmin.)
•1500V rms Input/Output isolation
Applications
•Telephones
•Programmable controllers
•System appliances, measuring instruments.
•Signal transmission between circuits of different potentials and impedances.




Similar Part No. - LA315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA3150 ETC-LA3150 Datasheet
154Kb / 4P
LA3150
LA3155 ETC-LA3155 Datasheet
280Kb / 7P
For car stereo, home stereo 2 channel 9V equalizer amplifier
More results


Similar Description - LA315

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com