Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3A6.8FUT1 Datasheet (PDF) - ON Semiconductor

DF3A6.8FUT1 Datasheet PDF - ON Semiconductor
Part # DF3A6.8FUT1
Download  DF3A6.8FUT1 Download
File Size   49.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Transient Voltage Suppressor

DF3A6.8FUT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF3A6.8FUT1 Datasheet PDF - ON Semiconductor

Part # DF3A6.8FUT1
Download  DF3A6.8FUT1 Click to download

File Size   49.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Transient Voltage Suppressor

DF3A6.8FUT1 Datasheet (HTML) - ON Semiconductor


DF3A6.8FUT1 Product details

Zener Transient Voltage Suppressor
Dual Common Anode Zeners for ESD Protection

These dual monolithic silicon zener diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common anode design protects two separate lines using only one package. These devices are ideal for situations where board space is at a premium.

Features
• Pb−Free Package is Available
• SC−70 Package Allows Two Separate Unidirectional Configurations
• Low Leakage < 1.0 A @ 5.0 V
• Breakdown Voltage: 6.4−7.2 V @ 5.0 mA
• ESD Protection Meeting:16 kV Human Body Model
                                          30 kV Contact = IEC61000−4−2
• Peak Power: 24 W @ 1.0 ms (Unidirectional), per Figure 1
• Peak Power: 150 W @ 20 s (Unidirectional), per Figure 2




Similar Part No. - DF3A6.8FUT1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A6.8FU TOSHIBA-DF3A6.8FU Datasheet
82Kb / 2P
DIODES (DIODES FOR PROTECTING AGAINST ESD)
17-Feb-1999
More results


Similar Description - DF3A6.8FUT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MA3075WALT1 ONSEMI-MA3075WALT1 Datasheet
51Kb / 8P
Zener Transient Voltage Suppressor
January, 2002 ??Rev. 1
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
High Power Transient Voltage Suppressor and Zener
logo
ON Semiconductor
1PMT5.0AT1 ONSEMI-1PMT5.0AT1_05 Datasheet
65Kb / 6P
Zener Transient Voltage Suppressor POWERMITE Package
July, 2005 ??Rev. 9
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MA3075WALT1G ONSEMI-MA3075WALT1G Datasheet
90Kb / 4P
Zener Transient Voltage Suppressor
October, 2016 ??Rev. 3
logo
Littelfuse
NSA5.0AFT3G LITTELFUSE-NSA5.0AFT3G Datasheet
235Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com