Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC162244ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC162244ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC162244ADGG
Download  74LVC162244ADGG Download
File Size   249.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state

74LVC162244ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC162244ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC162244ADGG
Download  74LVC162244ADGG Click to download

File Size   249.29 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state

74LVC162244ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC162244ADGG Product details

1. General description
The 74LVC162244A; 74LVCH162244A is a 16-bit buffer/line driver with 30 Ω termination resistors
and 3-state outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit
buffer. The device features four output enables (1OE, 2OE, 3OE and 4OE), each controlling four of
the 3-state outputs. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
The 74LVCH162244A bus hold on data inputs eliminates the need for external pull-up resistors to
hold unused inputs.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power dissipation
• Multibyte flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• All data inputs have bus hold. (74LVCH162244A only)
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC162244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC162244ADGG PHILIPS-74LVC162244ADGG Datasheet
79Kb / 10P
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC162244ADGG PHILIPS-74LVC162244ADGG Datasheet
104Kb / 16P
16-bit buffer/line driver, 30 OHM series
2003 Dec 12
logo
Texas Instruments
74LVC162244ADGGRE4 TI-74LVC162244ADGGRE4 Datasheet
387Kb / 18P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVC162244ADGGRE4 TI-74LVC162244ADGGRE4 Datasheet
412Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVC162244ADGGRG4 TI-74LVC162244ADGGRG4 Datasheet
387Kb / 18P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74LVC162244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com