Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKAABABBBA Datasheet (PDF) - Lorlin Electronics Ltd.

CKAABABBBA Datasheet PDF - Lorlin Electronics Ltd.
Part # CKAABABBBA
Download  CKAABABBBA Download
File Size   924.68 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CK ROTARY SWITCH

CKAABABBBA Datasheet (PDF)

Go To PDF Page Download Datasheet
CKAABABBBA Datasheet PDF - Lorlin Electronics Ltd.

Part # CKAABABBBA
Download  CKAABABBBA Click to download

File Size   924.68 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CK ROTARY SWITCH

CKAABABBBA Datasheet (HTML) - Lorlin Electronics Ltd.


CKAABABBBA Product details

FEATURES
Standard 30° indexing,
60° and 90° available
Moulded 27.5mm
diameter
Solder or PCB terminals
Gold flashed or gold plated
terminals/contacts available
Shorting (make before break 30° indexing only)
or non-shorting (break before make)
Spindles with special flats, slots or knurls
Rear drive versions
No bush versions
Moulded stop or adjustable stops to
restrict number of positions
Continuous rotation also available
Made in UK
UL-V0 rated material available
Single wafer switch
Maximum 12 positions
Up to 4 poles per switch




Similar Part No. - CKAABABBBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CKAAAAAA ETC2-CKAAAAAA Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
More results


Similar Description - CKAABABBBA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com