Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32868A Datasheet (PDF) - Renesas Technology Corp

ICSSSTUAF32868A Datasheet PDF - Renesas Technology Corp
Part # ICSSSTUAF32868A
Download  ICSSSTUAF32868A Download
File Size   686.88 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL

ICSSSTUAF32868A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUAF32868A Datasheet PDF - Renesas Technology Corp

Part # ICSSSTUAF32868A
Download  ICSSSTUAF32868A Click to download

File Size   686.88 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL

ICSSSTUAF32868A Datasheet (HTML) - Renesas Technology Corp


ICSSSTUAF32868A Product details

Features
• 28-bit 1:2 registered buffer with parity check functionality
• Supports SSTL_18 JEDEC specification on data inputs
and outputs
• Supports LVCMOS switching levels on CSGEN and
RESET inputs
• Low voltage operation: VDD = 1.7V to 1.9V
• Available in 176-ball LFBGA package




Similar Part No. - ICSSSTUAF32868A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32868A IDT-ICSSSTUAF32868A Datasheet
538Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868AHLFT IDT-ICSSSTUAF32868AHLFT Datasheet
538Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
More results


Similar Description - ICSSSTUAF32868A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32868B IDT-ICSSSTUAF32868B Datasheet
539Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAH32868A IDT-ICSSSTUAH32868A Datasheet
539Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868A IDT-ICSSSTUAF32868A Datasheet
538Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBH32868A IDT-IDT74SSTUBH32868A Datasheet
524Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32868A RENESAS-IDT74SSTUBF32868A Datasheet
831Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
IDT74SSTUBF32869A RENESAS-IDT74SSTUBF32869A Datasheet
601Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
IDT74SSTUBH32868A RENESAS-IDT74SSTUBH32868A Datasheet
739Kb / 23P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
28-Bit Configurable Registered Buffer for DDR2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com