Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTVF16857YL-T Datasheet (PDF) - Renesas Technology Corp

ICSSSTVF16857YL-T Datasheet PDF - Renesas Technology Corp
Part # ICSSSTVF16857YL-T
Download  ICSSSTVF16857YL-T Download
File Size   520.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR 14-Bit Registered Buffer

ICSSSTVF16857YL-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTVF16857YL-T Datasheet PDF - Renesas Technology Corp

Part # ICSSSTVF16857YL-T
Download  ICSSSTVF16857YL-T Click to download

File Size   520.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR 14-Bit Registered Buffer

ICSSSTVF16857YL-T Datasheet (HTML) - Renesas Technology Corp


ICSSSTVF16857YL-T Product details

Recommended Applications:
• DDR Memory Modules
• Provides complete DDR DIMM logic solution with
ICS93V857 or ICS95V857
• SSTL2 compatible data registers
Product Features:
• Differential clock signal
• Meets SSTL2 signal data
• Supports SSTL2 class I & II specifications
• Low-voltage operation
- Voo = 2.3V to 2. 7V
• 48 pin TSS OP and TVS OP package




Similar Part No. - ICSSSTVF16857YL-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTVF16857 IDT-ICSSSTVF16857 Datasheet
939Kb / 8P
DDR 14-BIT REGISTERED BUFFER
More results


Similar Description - ICSSSTVF16857YL-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16857 ICST-ICSSSTV16857 Datasheet
114Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
ICSSSTVA16857 ICST-ICSSSTVA16857 Datasheet
73Kb / 9P
DDR 14-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16857 ALSC-AS80SSTVF16857 Datasheet
93Kb / 12P
DDR 14-Bit Registered Buffer
ASM4SSTVF16857 ALSC-ASM4SSTVF16857 Datasheet
147Kb / 16P
DDR 14-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16857 ICST-ICS16857 Datasheet
119Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
ICS16857C ICST-ICS16857C Datasheet
78Kb / 8P
DDR 14-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVF16857 IDT-ICSSSTVF16857 Datasheet
939Kb / 8P
DDR 14-BIT REGISTERED BUFFER
ICSSSTVA16857 IDT-ICSSSTVA16857 Datasheet
83Kb / 9P
DDR 14-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTV16857C RENESAS-ICSSSTV16857C Datasheet
433Kb / 10P
DDR 14-Bit Registered Buffer
2019
ICSSSTVA16857 RENESAS-ICSSSTVA16857 Datasheet
234Kb / 10P
DDR 14-Bit Registered Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com