Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASCO2V01 Datasheet (PDF) - Infineon Technologies AG

PASCO2V01 Datasheet PDF - Infineon Technologies AG
Part # PASCO2V01
Download  PASCO2V01 Download
File Size   1099.91 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description disruptive gas sensor

PASCO2V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PASCO2V01 Datasheet PDF - Infineon Technologies AG

Part # PASCO2V01
Download  PASCO2V01 Click to download

File Size   1099.91 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description disruptive gas sensor

PASCO2V01 Datasheet (HTML) - Infineon Technologies AG


PASCO2V01 Product details

Features
• Operating range: 0 ppm to 32000 ppm
• Accuracy: ± (30 ppm +3%) of reading between 400 ppm and 5000 ppm
• Lifetime: 10 years
• Interface: I2C, UART, and PWM
• Package dimension: 13.8 x 14 x 7.5 mm3
• RoHs compliant




Similar Part No. - PASCO2V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PASCO2V15 INFINEON-PASCO2V15 Datasheet
322Kb / 10P
XENSIVTM PAS CO2 1.5
V 1.1
More results


Similar Description - PASCO2V01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SGAS711 IDT-SGAS711 Datasheet
766Kb / 15P
Flammable Gas Sensor
logo
Hanwei Electronics Grou...
MQ-136 HANWEI-MQ-136 Datasheet
148Kb / 2P
GAS SENSOR
MQ-131 HANWEI-MQ-131 Datasheet
83Kb / 2P
GAS SENSOR
logo
Zhengzhou Winsen Electr...
WSP2110 WINSEN-WSP2110 Datasheet
483Kb / 7P
VOC Gas Sensor
MC115 WINSEN-MC115 Datasheet
458Kb / 6P
Catalytic Gas Sensor
MP-5 WINSEN-MP-5 Datasheet
517Kb / 7P
Flammable Gas Sensor
ME4-NH3 WINSEN-ME4-NH3 Datasheet
470Kb / 6P
Ammonia Gas Sensor
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
logo
Hanwei Electronics Grou...
MQ-2 HANWEI-MQ-2 Datasheet
59Kb / 2P
GAS SENSOR
MQ-7 HANWEI-MQ-7 Datasheet
59Kb / 3P
GAS SENSOR
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com