Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLC1150 Datasheet (PDF) - Infineon Technologies AG

WLC1150 Datasheet PDF - Infineon Technologies AG
Part # WLC1150
Download  WLC1150 Download
File Size   568.37 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wireless charging IC (WLC) - Transmitter 50W with integrated USB Type-C PD controller

WLC1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
WLC1150 Datasheet PDF - Infineon Technologies AG

Part # WLC1150
Download  WLC1150 Click to download

File Size   568.37 Kbytes
Page   46 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Wireless charging IC (WLC) - Transmitter 50W with integrated USB Type-C PD controller

WLC1150 Datasheet (HTML) - Infineon Technologies AG


WLC1150 Product details

Features
• 50W wireless power transfer using proprietary
protocol
• Qi v1.3.x compliant extended power profile (EPP) and
basic power profile (BPP) transmitter (MP-A2 and
similar)
• Integrated gate drivers for inverter
• Inverter control using frequency, duty-cycle, and
variable voltage
• Integrated buck controller for fan that enables
cooling of interface surface during high power
delivery.
• Integrated FOD
• Supports various input configuration i.e.
USB PD/ PPS, fixed DC input of 20V without requiring
an additional DC-DC converter.
• Integrated USB-PD controller
- Supports latest USB-PD 3.1 version
- Programmable power supply (PPS) mode
- Support for USB PD legacy charging protocols like
QC 2.0/ 3.0 and AFC[1]
• Supports wide input voltage range: 4.5 V to 24 V with
integrated buck-boost controller
• Communication ports: I2C, UART




Similar Part No. - WLC1150

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQ INFINEON-WLC1115-68LQXQ Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQ/T INFINEON-WLC1115-68LQXQ/T Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1115-68LQXQT INFINEON-WLC1115-68LQXQT Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
More results


Similar Description - WLC1150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT7202K RICHTEK-RT7202K Datasheet
75Kb / 1P
Highly Integrated USB PD Type-C Controller for SMPS
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
ON Semiconductor
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Infineon Technologies A...
WLC1115 INFINEON-WLC1115 Datasheet
500Kb / 40P
Wireless charging IC (WLC) - Transmitter 15W with integrated USB Type-C PD controller
Rev. B 2022-04-22
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com