Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1720 Datasheet (PDF) - ON Semiconductor

MAX1720 Datasheet PDF - ON Semiconductor
Part # MAX1720
Download  MAX1720 Download
File Size   182.81 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switched Capacitor Voltage Inverter with Shutdown

MAX1720 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1720 Datasheet PDF - ON Semiconductor

Part # MAX1720
Download  MAX1720 Click to download

File Size   182.81 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switched Capacitor Voltage Inverter with Shutdown

MAX1720 Datasheet (HTML) - ON Semiconductor


MAX1720 Product details

The MAX1720 is a CMOS charge pump voltage inverter that is designed for operation over an input voltage range of 1.15 V to 5.5 V with an output current capability in excess of 50 mA. The operating current consumption is only 67 μA, and a power saving shutdown input is provided to further reduce the current to a mere 0.4 μA. The device contains a 12 kHz oscillator that drives four low resistance MOSFET switches, yielding a low output resistance of 26 Ω and a voltage conversion efficiency of 99%. This device requires only two external 10μF capacitors for a complete inverter making it an ideal solution for numerous battery powered and board level applications. The MAX1720 is available in the space saving TSOP−6 package.

Features
• Operating Voltage Range of 1.15 V to 5.5 V
• Output Current Capability in Excess of 50 mA
• Low Current Consumption of 67 μA
• Power Saving Shutdown Input for a Reduced Current of 0.4 μA
• Operation at 12 kHz
• Low Output Resistance of 26 Ω
• Space Saving TSOP−6 Package
• Pb−Free Package is Available

Typical Applications
• LCD Panel Bias
• Cellular Telephones
• Pagers
• Personal Digital Assistants
• Electronic Games
• Digital Cameras
• Camcorders
• Hand Held Instruments




Similar Part No. - MAX1720

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Maxim Integrated Produc...
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
MAX17201 MAXIM-MAX17201 Datasheet
2Mb / 24P
Battery charger or power supply
Rev 1; 4/16
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
Battery charger or power supply
Rev 1; 4/16
MAX17201GEVKIT MAXIM-MAX17201GEVKIT Datasheet
2Mb / 24P
Lithium battery pack of desired configuration
Rev 1; 4/16
More results


Similar Description - MAX1720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV.A
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com