Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD74LVC574 Datasheet (PDF) - Renesas Technology Corp

RD74LVC574 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC574
Download  RD74LVC574 Download
File Size   105.6 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip Flops with 3-state Outputs

RD74LVC574 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC574 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC574
Download  RD74LVC574 Click to download

File Size   105.6 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Flip Flops with 3-state Outputs

RD74LVC574 Datasheet (HTML) - Renesas Technology Corp


RD74LVC574 Product details

Description
The RD74LVC574B has eight edge trigger D type flip flops with three state outputs in a 20 pin package. Data at the D
inputs meeting set up requirements are transferred to the Q outputs on positive going transitions of the clock input.
When the clock input goes low, data at the D inputs will be retained at the outputs until clock input returns high again.
When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of
what signals are present at the other inputs and the state of the storage elements. Low voltage and high-speed operation
is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a
battery for long time operation.
Features
• VCC = 1.65 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±12 mA (@VCC = 2.7 V)
±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - RD74LVC574

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC574B RENESAS-RD74LVC574B Datasheet
82Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
82Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BFPEL RENESAS-RD74LVC574BFPEL Datasheet
106Kb / 11P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BTELL RENESAS-RD74LVC574BTELL Datasheet
82Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC574BTELL RENESAS-RD74LVC574BTELL Datasheet
106Kb / 11P
Octal D-type Flip Flops with 3-state Outputs
More results


Similar Description - RD74LVC574

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
Octal D-type Flip-Flops with 3-state Outputs
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HCT564 RENESAS-HD74HCT564 Datasheet
121Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC564 RENESAS-HD74HC564 Datasheet
120Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com