Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-1616 Datasheet (PDF) - Renesas Technology Corp

SPS-1616 Datasheet PDF - Renesas Technology Corp
Part # SPS-1616
Download  SPS-1616 Download
File Size   739.81 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Secure Packet Switch

SPS-1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-1616 Datasheet PDF - Renesas Technology Corp

Part # SPS-1616
Download  SPS-1616 Click to download

File Size   739.81 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Secure Packet Switch

SPS-1616 Datasheet (HTML) - Renesas Technology Corp


SPS-1616 Product details

Features
• RapidIO ports
– 16 bidirectional S-RIO lanes
– Port widths of 1x, 2x, and 4x allow up to 20 Gbps per port
– Port speeds selectable: 6.25, 5, 3.125, 2.5, or 1.25 Gbaud
– Support Level I defined short or long haul reach, and Level II defined short-, medium-, or long-run reach for each PHY speed
– Error Management Extensions support
– Software-assisted error recovery, supporting hot swap
• I2C Interfaces
– Provides I2C port for maintenance and error reporting
– Master or Slave operation
– Master allows power-on configuration from external ROM
– Master mode configuration with external image compressing and checksum
• Switch
– 80 Gbps peak throughput
– Non-blocking data flow architecture
– Configurable for Cut-Through or Store-and-Forward data flow
– Very low latency for all packet lengths and load conditions
– Internal queuing buffer and retransmit buffer
– Standard transmitter- or receiver-controlled flow control
– Global routing or Local Port routing capability
– Supports up to 40 simultaneous multicast masks, with broadcast
– Performance monitoring counters for performance and diagnostics analysis. Per input port and output port counters
• SerDes
– Transmitter pre-emphasis and drive strength + receiver equalization provides best possible signal integrity
– Embedded PRBS generation and detection with programmable polynomials support Bit Error Rate testing




Similar Part No. - SPS-1616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-16 ETC-SPS-16 Datasheet
563Kb / 8P
High Voltage Rectifiers
More results


Similar Description - SPS-1616

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X2G303EL PERICOM-PI7C9X2G303EL Datasheet
296Kb / 1P
Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G304SL PERICOM-PI7C9X2G304SL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G608EL PERICOM-PI7C9X2G608EL Datasheet
357Kb / 1P
Packet Switch
PI7C9X2G608GP PERICOM-PI7C9X2G608GP Datasheet
421Kb / 1P
Packet Switch
PI7C9X2G612GP PERICOM-PI7C9X2G612GP Datasheet
420Kb / 1P
Packet Switch
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com