Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157102S12700 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

157102S12700 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 157102S12700
Download  157102S12700 Download
File Size   1625.9 Kbytes
Page   10 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-S7DS 7 Segments Display SMT Single Digit

157102S12700 Datasheet (PDF)

Go To PDF Page Download Datasheet
157102S12700 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 157102S12700
Download  157102S12700 Click to download

File Size   1625.9 Kbytes
Page   10 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-S7DS 7 Segments Display SMT Single Digit

157102S12700 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


157102S12700 Product details

General Information:
Operating Temperature -35 up to +85 °C
Storage Conditions (for single
parts) -35 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 157102S12700

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
157102S12800 WURTH-157102S12800 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
More results


Similar Description - 157102S12700

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
157143V12800 WURTH-157143V12800 Datasheet
951Kb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
157102S12800 WURTH-157102S12800 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
157102V12700 WURTH-157102V12700 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.000
157112B12700 WURTH-157112B12700 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.000
157112B12800 WURTH-157112B12800 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.000
157112S12800 WURTH-157112S12800 Datasheet
955Kb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
157112V12700 WURTH-157112V12700 Datasheet
954Kb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
157121B12700 WURTH-157121B12700 Datasheet
1Mb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.000
157121S12700 WURTH-157121S12700 Datasheet
955Kb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
157121S12800 WURTH-157121S12800 Datasheet
955Kb / 10P
WL-S7DS 7 Segments Display SMT Single Digit
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com