Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157119B12801 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

157119B12801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 157119B12801
Download  157119B12801 Download
File Size   1552.77 Kbytes
Page   11 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-T7DS 7 Segments Display THT Single Digit

157119B12801 Datasheet (PDF)

Go To PDF Page Download Datasheet
157119B12801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 157119B12801
Download  157119B12801 Click to download

File Size   1552.77 Kbytes
Page   11 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-T7DS 7 Segments Display THT Single Digit

157119B12801 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


157119B12801 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (for single
parts) -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 157119B12801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
157119B12701 WURTH-157119B12701 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
More results


Similar Description - 157119B12801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
157136V12801 WURTH-157136V12801 Datasheet
951Kb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157136V12701 WURTH-157136V12701 Datasheet
951Kb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157136S12701 WURTH-157136S12701 Datasheet
951Kb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157142V12803 WURTH-157142V12803 Datasheet
954Kb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157119B12701 WURTH-157119B12701 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157119S12801 WURTH-157119S12801 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.002
157119V12701 WURTH-157119V12701 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.002
157142B12703 WURTH-157142B12703 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157142B12803 WURTH-157142B12803 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.001
157142V12703 WURTH-157142V12703 Datasheet
1Mb / 11P
WL-T7DS 7 Segments Display THT Single Digit
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com