Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0900A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0900A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0900A
Download  TZ0900A Download
File Size   195.61 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 20.000MHz Crystal Unit

TZ0900A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0900A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0900A
Download  TZ0900A Click to download

File Size   195.61 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 20.000MHz Crystal Unit

TZ0900A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0900A Product details

Features:
Surface Mount Seam Weld Package
Good Frequency Perturbation and Stability over temperature

Description and Applications:
Surface mount 5.0mmx3.2mm crystal unit for use in wireless telecommunications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0900A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0901A TAI-SAW-TZ0901A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0902A TAI-SAW-TZ0902A Datasheet
343Kb / 7P
SMD 2.5x2.0 52.4288MHz Crystal Unit
REV. NO.: 1
TZ0906A TAI-SAW-TZ0906A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 38.4000MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0908A TAI-SAW-TZ0908A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
More results


Similar Description - TZ0900A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0603A TAI-SAW-TZ0603A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.000MHz
REV. NO.: 4
TZ0604A TAI-SAW-TZ0604A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 20.000MHz
REV. NO.: 3
TZ0732A TAI-SAW-TZ0732A Datasheet
182Kb / 5P
SMD 5.0x3.2 35.00MHz Crystal Unit
REV. NO.: 1
TZ0773A TAI-SAW-TZ0773A Datasheet
180Kb / 5P
SMD 5.0x3.2 24.576MHz Crystal Unit
REV. NO.: 1
TZ0829A TAI-SAW-TZ0829A Datasheet
189Kb / 5P
SMD 5.0x3.2 16.369MHz Crystal Unit
REV. NO.: 1
TZ0848A TAI-SAW-TZ0848A Datasheet
189Kb / 5P
SMD 5.0x3.2 27.456MHz Crystal Unit
REV. NO.: 1
TZ0863A TAI-SAW-TZ0863A Datasheet
189Kb / 5P
SMD 5.0x3.2 10.368MHz Crystal Unit
REV. NO.: 1
TZ0881A TAI-SAW-TZ0881A Datasheet
189Kb / 5P
SMD 5.0x3.2 9.6MHz Crystal Unit
REV. NO.: 1
TZ1925A TAI-SAW-TZ1925A Datasheet
151Kb / 7P
Crystal Unit SMD 5.0x3.2 20.000MHz
REV. NO.: 1
TZ2458A TAI-SAW-TZ2458A Datasheet
335Kb / 8P
Crystal Unit SMD 3.2x2.5 20.000MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com