Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0924A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0924A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0924A
Download  TZ0924A Download
File Size   207.51 Kbytes
Page   2 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 8.0x3.0mm DIP Tuning Fork 32.768kHz Crystal Unit

TZ0924A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0924A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0924A
Download  TZ0924A Click to download

File Size   207.51 Kbytes
Page   2 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 8.0x3.0mm DIP Tuning Fork 32.768kHz Crystal Unit

TZ0924A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TZ0924A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0921A TAI-SAW-TZ0921A Datasheet
209Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0926A TAI-SAW-TZ0926A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 27.000MHz
REV. NO.: 3
TZ0928A TAI-SAW-TZ0928A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ0928AC TAI-SAW-TZ0928AC Datasheet
434Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
More results


Similar Description - TZ0924A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1006A TAI-SAW-TZ1006A Datasheet
201Kb / 8P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 14
TZ1006AD TAI-SAW-TZ1006AD Datasheet
302Kb / 10P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 3.0
TZ1006AE TAI-SAW-TZ1006AE Datasheet
304Kb / 10P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 3.0
TZ1510A TAI-SAW-TZ1510A Datasheet
196Kb / 7P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 4.0
TZ2057DAAO22 TAI-SAW-TZ2057DAAO22 Datasheet
209Kb / 7P
Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 1.0
TZ2065A TAI-SAW-TZ2065A Datasheet
181Kb / 8P
Tuning Fork Crystal Unit 2.0x1.2 32.768KHz
REV. NO.: 6.0
TZ2528A TAI-SAW-TZ2528A Datasheet
216Kb / 8P
Tuning Fork Crystal Unit 2.0x1.2 32.768KHz
REV. NO.: 8.0
TZ2528C TAI-SAW-TZ2528C Datasheet
261Kb / 7P
Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ2528D TAI-SAW-TZ2528D Datasheet
216Kb / 7P
Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ2528E TAI-SAW-TZ2528E Datasheet
190Kb / 7P
Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com