Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0948A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0948A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0948A
Download  TZ0948A Download
File Size   300.69 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 22.1184MHz

TZ0948A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0948A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0948A
Download  TZ0948A Click to download

File Size   300.69 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 22.1184MHz

TZ0948A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0948A Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0948A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0944A TAI-SAW-TZ0944A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.:2
More results


Similar Description - TZ0948A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0426A TAI-SAW-TZ0426A Datasheet
226Kb / 5P
SMD 4.0x2.5 22.1184MHz Crystal Unit
REV. NO.: 1
TZ1124A TAI-SAW-TZ1124A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.:2
TZ1980A TAI-SAW-TZ1980A Datasheet
71Kb / 5P
HC49US 22.1184MHz Crystal Unit
REV. NO.: 1.0
TZ2074A TAI-SAW-TZ2074A Datasheet
127Kb / 8P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.: 1
TZ2246A TAI-SAW-TZ2246A Datasheet
422Kb / 8P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.: 1
TZ2410A TAI-SAW-TZ2410A Datasheet
295Kb / 4P
HC49US 22.1184MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com