Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0977A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0977A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0977A
Download  TZ0977A Download
File Size   195.24 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0 40MHz Crystal Unit

TZ0977A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0977A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0977A
Download  TZ0977A Click to download

File Size   195.24 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0 40MHz Crystal Unit

TZ0977A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0977A Product details

Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Ultra Miniature Package

Description and Applications:
Surface mount 2.5mmx2.0mm crystal unit for use in communications devices, especially for a
need of ultra miniature package for mobility.




Similar Part No. - TZ0977A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0977B TAI-SAW-TZ0977B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ0977C TAI-SAW-TZ0977C Datasheet
139Kb / 8P
Crystal Unit SMD 2.5x2.0 40.0MHz
REV. NO.: 3
TZ0977D TAI-SAW-TZ0977D Datasheet
376Kb / 8P
Crystal Unit SMD 2.5x2.0 40.0MHz
REV. NO.: 2
TZ0977E TAI-SAW-TZ0977E Datasheet
377Kb / 8P
Crystal Unit SMD 2.5x2.0 40MHz
REV. NO.: 1
More results


Similar Description - TZ0977A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0608A TAI-SAW-TZ0608A Datasheet
186Kb / 5P
SMD 2.5x2.0 40.0MHz Crystal Unit
REV. NO.: 2
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0733E TAI-SAW-TZ0733E Datasheet
189Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0751A TAI-SAW-TZ0751A Datasheet
158Kb / 8P
Crystal Unit SMD 2.5x2.0 20.0MHz
REV. NO.: 2
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1106A TAI-SAW-TZ1106A Datasheet
234Kb / 7P
SMD 2.5x2.0 27.0MHz Crystal Unit
REV. NO.: 1
TZ1181EAAA32 TAI-SAW-TZ1181EAAA32 Datasheet
164Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 1
TZ1291A TAI-SAW-TZ1291A Datasheet
139Kb / 8P
Crystal Unit SMD 2.5x2.0 40MHz
REV. NO.: 4
TZ1927A TAI-SAW-TZ1927A Datasheet
379Kb / 8P
Crystal Unit SMD 2.5x2.0 40MHz
REV. NO.: 1
TZ2536A TAI-SAW-TZ2536A Datasheet
167Kb / 8P
Crystal Unit SMD 2.5x2.0 40MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com