Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC2020R Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
DPC2020R Datasheet PDF - National Semiconductor (TI)
Part # DPC2020R
Download  DPC2020R Download
File Size   501.26 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Thin-Film or MIG Head Read/Write Preamplifier

DPC2020R Datasheet (PDF)

Go To PDF Page Download Datasheet
DPC2020R Datasheet PDF - National Semiconductor (TI)

Part # DPC2020R
Download  DPC2020R Click to download

File Size   501.26 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Thin-Film or MIG Head Read/Write Preamplifier

DPC2020R Datasheet (HTML) - National Semiconductor (TI)


DPC2020R Product details

Features
Designed for two-terminal heads
Low input noise: 0.47 nV/yHz typical
Low power: 120 mW typical in read mode
Very low idie power: 3 mW typical
Low input capacitance: 17 pF typical
Programmable write current source (5 mA-35 mAj)
Write unsafe detection circuitry
Low power supply protection in write mode
Head short to ground protection
Read mode gain: 300 V/V
Pin compatible with the SSI 32R2020R or 32R2021R
respectively




Similar Part No. - DPC2020R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DPC20-1200 SUPERWORLD-DPC20-1200 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-45 SUPERWORLD-DPC20-45 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-500 SUPERWORLD-DPC20-500 Datasheet
112Kb / 1P
POWER TRANSFORMER
DPC20-60 SUPERWORLD-DPC20-60 Datasheet
112Kb / 1P
POWER TRANSFORMER
More results


Similar Description - DPC2020R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM7200 ETC1-VM7200 Datasheet
352Kb / 5P
2,4,6 OR 8-CHANNEL, 5-VOLT, THIN-FILM HEAD, READ/WRITE PREAMPLIFIER
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-06 PF-IUH-F190-V1-FR1-06 Datasheet
884Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F190-V1-FR2-02 PF-IUH-F190-V1-FR2-02 Datasheet
937Kb / 3P
Read/write head
IUH-F190-V1-FR2-08 PF-IUH-F190-V1-FR2-08 Datasheet
914Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com